Part Number Hot Search : 
CINT1150 128BIFN1 100DC SY10E BY296 PKN430CB KBU8005 LB8649FN
Product Description
Full Text Search
 

To Download BR1001S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BR1001S
PRV : 100 Volts Io : 6.0 Ampere
FEATURES :
* * * * * * * High case dielectric strength High surge current capability High reliability Low reverse current Low forward voltage drop ldeal for printed circuit board Pb / RoHS Free
SILICON BRIDGE RECTIFIERS BR10
0.520 (13.20) 0.480 (12.20) 0.158 (4.00) 0.142 (3.60) 0.290 (7.36) 0.210 (5.33) 0.052 (1.32) 0.048 (1.22) 0.30 (7.62) 0.25 (6.35) 0.75 (19.1) Min. AC 0.77 (19.56) 0.73 (18.54)
+
AC
MECHANICAL DATA :
* Case : Reliable low cost construction utilizing molded plastic tecnique * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL - STD 202 , Method 208 guaranteed * Polarity : Polarity symbols marked on case * Mounting position : Any * Weight : 6.1 grams Dimensions in inches and ( millimeters )
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 50 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATING
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum Reverse Voltage Maximum Average Forward Rectified Current Ta=40C Maximum Peak Forward Surge Current Single half sine wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage drob per diode at IF = 9.0 A Maximum Repetitive Peak Reverse Current Typical Thermal Resistance at Junction to Ambient ( Note 1 ) Operating Junction Temperature Range Storage Temperature Range
SYMBOL
VRRM VRMS VR IF(AV) IFSM VF IRRM RJA TJ Tstg
VALUE
100 70 100 6.0 200 1.0 10 1.8 -40 to + 150 -40 to + 150
UNIT
V V V A A V A C/W C C
Notes : 1 ) Thermal resistance from Junction to ambient with units mounted on a 100cm2 x 1.5 t Al. plate.
Page 1 of 2
Rev. 02 : March 25, 2005
RATING AND CHARACTERISTIC CURVES ( BR1001S )
FIG.1 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
10 200
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES
AVERAGE FORWARD OUTPUT CURRENT, AMPERES
8
160
6
120 TJ = 25 C 80
4
2
40
0
0
25
50
75
100
125
150
175
0
1
2
4
6
10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL FORWARD CHARACTERISTICS PER DIODE
100 10
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
FORWARD CURRENT, AMPERES
TJ = 100 C
10
TJ = 25 C
REVERSE CURRENT, MICROAMPERES
1.0
1.0 Pulse Width = 300 s 1% Duty Cycle 0.1
0.1 TJ = 25 C
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED REVERSE VOLTAGE, (%)
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005


▲Up To Search▲   

 
Price & Availability of BR1001S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X